PART |
Description |
Maker |
MC34181 MC34181D MC34181P MC34182D MC34182P MC3418 |
From old datasheet system Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
MC34072JO MC34072JOR2 |
High Slew Rate, Wide Bandwidth, Single Supply Operational Amplifiers
|
ON Semiconductor
|
MC33074 MC34072 MC34072AD |
(MC33071 / MC33072 / MC33074) High Slew Rate / Wide Bandwidth / Single Supply Operational Amplifiers Dual Voltage Detector With Adjustable Hysteresis 6-SOT-23 -40 to 85 DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8
|
ON Semiconductor
|
M2136 |
ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
UTC[Unisonic Technologies]
|
NJM2136 NJM2136M NJM2136V |
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
NJRC[New Japan Radio]
|
HA-2520883 HA-2520_883 HA-2520/883 HA2-2520-2 HA2- |
Uncompensated, High Slew Rate Operational Amplifier 无偿,高压摆率运算放大器 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA1-2539-2 HA1-2539-5 HA-2539 HA3-2539-5 FN2896 |
600MHz, Very High Slew Rate Operational Amplifier From old datasheet system 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate
Operational Amplifier(600MHz、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
ADIS16060BCCZ ADIS16060 ADIS16060_PCBZ ADIS16060/P |
Wide Bandwidth Yaw Rate Gyroscope with SPI
|
ANALOG DEVICES INC
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|